Part Number Hot Search : 
16012 P1701SL ULS2003J 636S6C T4401 BF423L 0200A EL2242CM
Product Description
Full Text Search
 

To Download UF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P re lim in ary Da t a S he et
UF4001
THRU
UF4007
1.0AMP. Ultrafast RectifiersGPP
VOLTAGE:50 TO 1000V
CURRENT:1.0A
AXIAL LEAD DO-41
Specification Features:
Case: Epoxy, Molded Weight: 0.4Gram (Approximately) High current capability, Low leakage current
DEVICE MARKING DIAGRAM
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are Readily Solderable Lead And Mounting Surface Temperature For Soldering Purposed: 260 Max. For 10 Seconds 1/16 Inch From Case RoHS Compliant Cathode Indicated By Polarity Band
KEL : KEL Logo
UF400X: Device Name UF4001~ UF4007
Absolute Maximum Ratings
Parameter Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectifier Current. (0.375" Lead Length @ TA=75) Non-repetitive Peak Forward Surge Current. (8.3mS Single Half Sine-wave) Operating Junction and Storage Temperature Range Thermal Resistance (Junction to Ambient) (Note 1)
TA = 25C unless otherwise noted UF UF UF Symbol 4001 4002 4003 VRRM VR IF(AV) IFSM TJ, TSTG RJA 50 50 100 100 200 200
UF 4004 400 400 1.0 30 -65 to +150 60
UF 4005 600 600
UF 4006 800 800
UF400X KEL
High surge current capability
UF 4007 1000 1000
Units V V A A C C/W
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted Symbol UF 4001 UF 4002 UF 4003 UF 4004 5 UF 4005 UF 4006 UF 4007 Units
Reverse Current @VR
IR
uA
Forward Voltage @1A Maximum Reverse Recovery Time (Note 2) Total Capacitance @VR=4V, f=1MHz
VF
1.0
1.3
1.7
V
TRR
50
75
nS
CT
17
pF
Apr. 2008 Release / Orig Page 1
UF4001 through UF4007 Series
P re lim in ary Da t a S he et NOTE:
(1) Thermal resistance from junction to ambient at 0.375" lead length, vertical P.C. board mounted (2) Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Package Outline
Package Case Outline
D A
C
B
DO-41 DIM
Min
DO-41 Millimeters
Max Min
Inches
Max
A B C D
0.69 4.20 25.40 2.00
0.90 5.20 --2.70
0.027 0.166 1.000 0.080
0.034 0.205 --0.107
Apr. 2008 Release / Orig Page 2


▲Up To Search▲   

 
Price & Availability of UF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X